Part Number Hot Search : 
SBR101 1058192 LCWC0805 PMB2330K LIMIT 1SMB24CA 01VDK1 MC10153P
Product Description
Full Text Search
 

To Download 66164-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 66164
REVISION A
SINGLE CHANNEL LINEAR OPTOCOUPLER Electrically Similar to 3C92C
Mii
OPTOELECTRONIC PRODUCTS DIVISION
8/30/00
Features: * * * * * High Reliability Base lead eliminated for improved noise immunity Rugged package Stability over wide temperature +500V electrical isolation
Applications: * * * * * Eliminate ground loops Level shifting Line receiver Switching power supplies Motor control
DESCRIPTION The 66164 contains a gallium arsenide infrared LED optically coupled to a silicon planar phototransistor. The optocoupler is built on a TO-46 header. The collector of the phototransistor is electrically connected to the case. This optocoupler is capable of transmitting signals between two galvanic sources. The potential difference between transmitter and receiver should not go over the maximum isolation voltage. The internal base connection has been eliminated for improved noise immunity.
ABSOLUTE MAXIMUM RATINGS Input to Output Voltage....................................................................................................................................................... 500V Emitter-Collector Voltage........................................................................................................................................................ 5V Collector-Emitter Voltage (value applies to emitter-base open-circuited & the input-diode equal to zero) ........................ 60V Reverse Input Voltage ........................................................................................................................................................... 7V Input Diode Continuous Forward Current at (or below) 65C Free-Air Temperature (see note 1) ................................. 50mA Peak Forward Input Current (value applies for tw < 1s, PRR < 300 pps) .....................................................................500mA Continuous Collector Current ............................................................................................................................................ 50mA Continuous Transistor Power Dissipation at (or below) 25C Free-Air Temperature (see Note 2) .............................. 300mW Storage Temperature........................................................................................................................................-65C to +150C Operating Free-Air Temperature Range ..........................................................................................................-55C to +100C Lead Solder Temperature (10 seconds max.) ................................................................................................................ 240C Notes: 1. Derate linearly to 125C free-air temperature at the rate of 0.67 mA/C above 65C. 2. Derate linearly to 125C free-air temperature at the rate of 3 mW/C.
Package Dimensions
Schematic Diagram
4 LEADS
0.019O (0.48) 0.016O (0.41)
0.230O (5.84) 0.209O (5.31)
COLLECTOR EMITTER
2 3
O0.100[2.54] ANODE
0.195O (4.95) 0.178O (4.52)
4
1
0.048 [1.22] 0.028 [0.71]
45
CATHODE
0.030 (0.76) MAX
0.210 [5.34] 0.170 [4.32] 0.50 [12.70] MIN
0.046 [1.17] 0.036 [0.91]
DIMENSIONS ARE IN INCHES (MILLIMETERS)
NOTE: ANODE ELECTRICALLY CONNECTED TO CASE
66164
SINGLE CHANNEL OPTOCOUPLER (Electrically similar to 3C92C)
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM
3 - 46
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
PARAMETER
Input Diode Static Reverse Current Input Diode Static Forward Voltage Input Diode Static Forward Voltage Reverse Breakdown Voltage Input Diode Capacitance
SYMBOL
IR VF VF BVR CIN
MIN
TYP
MAX
1
UNITS
A V V V pF
TEST CONDITIONS
VR = 3V IF = 2mA IF = 50mA IR = 100A V = 0V, f = 1MHz
1.15 1.3 7 12 25
1.2 1.5
OUTPUT TRANSISTOR
TA = 25C unless otherwise specified.
PARAMETER
Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Dark Current
SYMBOL
V(BR)CEO V(BR)ECO ICEO1 ICEO2
MIN
50 7
TYP
MAX
UNITS
V V
TEST CONDITIONS
IC = 1mA, IB = 0, IF = 0 IC =10A, IE = 10A, IF = 0 VCE = 50V, IF = 0mA VCE = 5V, IF = 0mA
50 10
nA nA
COUPLED CHARACTERISTICS
TA = 25C unless otherwise specified.
PARAMETER
On State Collector Current On State Collector Current On State Collector Current Collector-Emitter Saturation Voltage Isolation Resistance Input to Output Capacitance Delay Time Storage Time Rise Time Fall Time -55C
SYMBOL
IC(ON) IC(ON) IC(ON) VCE(SAT) RISO CIO td ts tr tf
MIN
4 4 4
TYP
MAX
UNITS
mA
TEST CONDITIONS
VCE = 5V, IF = 10mA VCE = 0.4V, IF = 10mA VCE = 5V, IF = 10mA IF = 50mA, IC = 10mA VIN-OUT = 500V f = 1MHz VCE = 5V, IF = 2mA, RL = 100 VCE = 5V, IF = 2mA, RL = 100 VCE = 5V, IF = 2mA, RL = 100 VCE = 5V, IF = 2mA, RL = 100
10
mA mA
0.4 10
9
V
2 2 0.2 3 4
2.5 4 0.5 5 5
pF
s s s s
RECOMMENDED OPERATING CONDITIONS:
PARAMETER Input Current, Low Level Input Current, High Level Supply Voltage Operating Temperature SYMBOL IFL IFH VCE TA MIN 0 2 5 -55 MAX 1 10 50 125 UNITS
A
mA V
C
SELECTION GUIDE
PART NUMBER 66164-011 66164-101 66164-001 PART DESCRIPTION Single Channel optocoupler, military operating range (-55 to +125C) Single Channel optocoupler, full mil-temp (-55 to +125C) with 100% device screening (JTX) Single Channel optocoupler, commercial (0 to 70C)
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM
3 - 47


▲Up To Search▲   

 
Price & Availability of 66164-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X